PART |
Description |
Maker |
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
IRFB4710PBF IRFS4710PBF IRFSL4710PBF IRFS4710TRR I |
High frequency DC-DC converters HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
MAX626-TSC428 TSC426CBA TSC426CPA TSC426MJA TSC427 |
Dual Power MOSFET Driver 双电源MOSFET驱动 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 20-LCCC -55 to 125 30V N-Channel PowerTrench MOSFET Dual Power MOSFET Drivers Dual-Power MOSFET Drivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
IRFP260PBF IRF6618TRPBF IRF6618PBF |
HEXFET? Power MOSFET DirectFET?Power MOSFET ? DirectFET㈢Power MOSFET ㈢ HEXFET㈢ Power MOSFET
|
International Rectifier
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
VRF150 VRF15010 VRF150MP |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 15; Gain (dB): 10; VDD (V): 50; Coss (pF): 240; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
IRFP340 IRFP340PBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A) 功率MOSFET(减振钢板基本\u003d00V,的Rdson)\u003d 0.55ohm,身份证\u003d 11A条) 11 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|